Part Number Hot Search : 
2SC3257 LP2998 81200 IS61WV 88HFR140 R083Q T1220NL AR258
Product Description
Full Text Search
 

To Download CPFC75-250C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMMON MODE CHOKE COIL
Type: CPFC75
Product Description
7.1x6.0mm Max.(LxW), 5.2mm Max. Height . In addition to the typical versions of parameters shown here, custom parameters are available to meet your exact requirements
Feature
Ideally used in AV, consumer equipment. Suppression of asymmetrical and symmetrical interference coupled in on lines. RoHS Compliance
1.90.2 4.9 MAX. 5.2 MAX.
0.250.05
7.1 MAX. 9 +0.4 -0.2
A
0.08+0.05 -0.02
6.0 MAX.
0.1 A
Land Pattern(mm) (4.5)
Schematics (Bottom)
2.85 1.2
S
2.5
S
10.2
Specification
Part No. CPFC75-050C CPFC75-110C CPFC75-250C CPFC75-250S CPFC75-510C CPFC75-510S CPFC75-471C CPFC75-102C CPFC75-222C CPFC75-472C Inductance (uH) 5 11 25 25 51 51 470 1000 2200 4700 Ls (nH) 50 50 150 1500 200 2000 200 250 250 300 IR (mA) 1000 500 500 500 500 500 500 500 400 200
+50%
"S" IS WINDING START
D.C.R (m) 100 120 130 130 160 160 200 200 400 550
Hipot DC 2s 250 250 250 250 250 250 750 750 750 750
Remark: Inductance tolerance: 470uH
30% , >470uH -30%
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
2.50.1 0.60.05
Dimensions (mm)


▲Up To Search▲   

 
Price & Availability of CPFC75-250C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X